Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download CTIHLP73F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Shielded
ctparts.com
CTIHLP73F Series
From .15 H to 10 H
Part Number Not shown at actual size.
SPECIFICATIONS
Parts are only available 20% inductance tolerance only *Irms will cause the coil temp. rise approximately T=40C without core loss. **Isat will cause L0 to drop approximately 20% typ. Inductance (H) .15 .22 .33 .47 .68 .82 1.0 1.5 2.2 3.3 4.7 6.8 8.2 10 L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. (m) 2.5 2.8 3.9 4.2 5.5 8.0 10 15 20 30 40 60 68 105 *Irms Typ. (A) 26 23 20 17.5 15.5 13 11 9.0 8.0 6.0 5.5 4.5 4.0 3.0 **Isat Typ. (A) 38 36 30 26 23 20 16 14 12 10 6.5 6.0 5.5 4.5
CTIHLP73F-R15M CTIHLP73F-R22M CTIHLP73F-R33M CTIHLP73F-R47M CTIHLP73F-R68M CTIHLP73F-R82M CTIHLP73F-1R0M CTIHLP73F-1R5M CTIHLP73F-2R2M CTIHLP73F-3R3M CTIHLP73F-4R7M CTIHLP73F-6R8M CTIHLP73F-8R2M CTIHLP73F-100M
Compliant
RoHS
PHYSICAL DIMENSIONS
Size A B
Max. 7.8 0.31
C
6.860.5 0.270.02
D
7.0 0.28
E
2.10.5
F
1.60.5
G
Max. 3.0 0.12
H
Max. 3.2 0.13
mm 6.470.5 inches 0.250.02
0.080.02 0.060.02
CHARACTERISTICS
Description: SMD (shielded) power inductor Applications: PDA, Notebook, Desktop, Server applications. High current POL converters. Low profile, high current power supplies. Battery powered devices. DC/DC converters in distributed power systems. DC/DC converter for Field Programmable Gate Array (FPGA). Operating Temperature: -55C to +125C Inductance Tolerance: 20% Testing: Inductance is tested on an HP4285A at 100 kHz, 1.0VDC Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant. Magnetically shielded Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
A E
F
XXX
C
B
GH
Marking: Inductance code D
RECOMMENDED LAND PATTERN
Unit: mm 8.7Ref. 3.5Ref. 3.7 Ref.
01.16.08
Technologies
Manufacturer of Passive & Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2008 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTIHLP73F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X